PART |
Description |
Maker |
SDR4N SDR4J SDR4G |
3 AMP 400-1200 50-80nsec ULTRA FAST RECTIFIER 3 A, 400 V, SILICON, RECTIFIER DIODE
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
SF163A SF164A SF165A SF166A SF161A SF162A |
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes) 16 A, 400 V, SILICON, RECTIFIER DIODE, TO-220AB
|
RECTRON[Rectron Semiconductor]
|
SDR1004UF |
100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS 100 A, 400 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. Solid States Devices, Inc
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
APT2X101D40J APT2X100D40J |
Fast Recovery Epitaxial Diode; Package: ISOTOP®; IO (A): 100; VR (V): 400; trr (nsec): 37; VF (V): 1.3; Qrr (nC): 1050; 100 A, 400 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Microsemi, Corp. Microsemi Corporation
|
SIL12-1A75-71D SIL12-1A75-71DDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
SIL05-1A31-71Q SIL05-1A31-71QDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
30CPU04PBF |
15 A, 400 V, SILICON, RECTIFIER DIODE, TO-247AC ULTRAFAST RECTIFIER
|
IRF International Rectifier http://
|
FFPF15U40S FFPF15U40STU |
15A/400V Ultra Fast Recovery Rectifier COAX CABLE FOR SUN 50FT CPU-SE 15 A, 400 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
SF164CS SF163CS SF165CS SF161CS SF166CS SF162CS |
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 16 Amperes) 16 A, 300 V, SILICON, RECTIFIER DIODE
|
RECTRON[Rectron Semiconductor]
|
SDR954CTN SDR952P SDR955CTN SDR954CTP SDR955P |
100 A, 400 V, SILICON, RECTIFIER DIODE, TO-259 100AMP 200-500VOLTS ISOLATED FLAT PACK HYPER FAST RECTIFIER POSITIVE CENTERTAP
|
SOLID STATE DEVICES INC Solid States Devices, Inc
|
CR03AM400-12 CR03AM400-8 CR03AM CR03AM600-8 CR03AM |
RECTIFIER SCHOTTKY SINGLE 1A 20V 40A-ifsm 0.5V-vf 0.5mA-ir DO-41 1K/BULK 铅山,相位控制晶闸管0.3 Amperes/400-600伏特 Lead-Mount/ Phase Control SCR 0.3 Amperes/400-600 Volts Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
|